PART |
Description |
Maker |
HN482764-3 HN482732A-30 HD68P05WD HD68P05W0 |
0.3-7 V, 1 MHz, microcomputer unit MCU (MICROCOMPUTER UNIT)
|
HITACHI[Hitachi Semiconductor]
|
HD6301Y0H HD63A01Y0H HD63B01Y0H HD63C01Y0H HD63C01 |
CMOS MCU(MICROCOMPUTER UNIT) CMOS MCU(MICROCOMPUTER UNIT) 的CMOS微控制器(微机组 SW ROCKER SPST 16A BK/WHT W/MRKG Toggle Switch; Circuitry:3PDT; Switch Operation:On-None-Off; Contact Current Max:10A; Actuator Style:Bat; Contact Rating:10A at 250VAC; Mounting Type:Panel; Size/Dimensions:HxWxD 1.955 x1.088 x1.308 in; Switch Features:Bat
|
Hitachi Semiconductor Hitachi,Ltd.
|
HN482764G |
MCU (MICROCOMPUTER UNIT)
|
Hitachi Semiconductor
|
HD6805W1 |
MCU MICROCOMPUTER UNIT
|
Hitachi Semiconductor
|
HD68P01V07-1 HD68P01 HD68P01M0 HD68P01M0-1 HD68P01 |
MCU(MICROCOMPUTER UNIT)
|
HITACHI[Hitachi Semiconductor]
|
MC912DG128PMPV MC912DT128PMPV MC912DG128X MC912DG1 |
Microcontrollers The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit 16-BIT, FLASH, 8 MHz, MICROCONTROLLER, PQFP112 The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit 该MC68HC912DT128A微控制器单元(MCU)是一6位设备的标准组成的片上外设包括一6位中央处理单
|
Motorola, Inc. Motorola Mobility Holdings, Inc. MOTOROLA INC
|
HD6435328F HD6435328CP HD6475328-CP10 HD6475328CG |
original Hitachi CMOS microcomputer unit (MCU) Manual Gives a Hardware Description
|
Hitachi,Ltd. Hitachi Semiconductor
|
MC912DT128ACPV MC912DG128CMPV MC912DG128PCPV MC912 |
The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit
|
MOTOROLA[Motorola, Inc]
|
MC68HC05L10 |
HCMOS Microcomputer Unit
|
Freescale Semiconductor, Inc
|
HD6415108RVF5 |
CMOS 16-Bit Microcomputer Unit
|
ETC
|
HD637A01X0C |
0.3-7 V, 1.5 MHz, CMOS microcomputer unit
|
Hitachi Semiconductor
|